Part Number Hot Search : 
RF2365 M62320FP NTE2318 HER205 H11B2X L78S09 04597 S25S20PT
Product Description
Full Text Search
 

To Download DFB2520 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dfb2505 - dfb25100 ? glass-p assivated bridge rectifiers ? 2009 fairchild semiconductor corporation www.fairchildsemi.com dfb2505 - dfb25100 rev. 1.2.2 1 november 2013 dfb2505 - dfb25100 glass-passivated bridge rectifiers features ? ul certificate: # e258596 ? glass-passivated junction ? ideal for printed circuit board ? reliable low-cost construction ? plastic material has underwriters laboratory flammability classification 94v-0 ? surge overload rating: 350 a peak ? high case dielectric strength: 2500 v rms ? isolated voltage from case to lead: > 2500 v ordering informations part number marking package packing method dfb2505 dfb2505 ts-6p 4l rail dfb2510 dfb2510 DFB2520 DFB2520 dfb2540 dfb2540 dfb2560 dfb2560 dfb2580 dfb2580 dfb25100 dfb25100 + ~ ~ - ts-6p
dfb2505 - dfb25100 ? glass-p assivated bridge rectifiers ? 2009 fairchild semiconductor corporation www.fairchildsemi.com dfb2505 - dfb25100 rev. 1.2.2 2 absolute maximum ratings (1) stresses exceeding the absolute maximum ratings may damage the device. the device may not function or be opera- ble above the recommended operating conditions and stressing the parts to these levels is not recommended. in addi- tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. the absolute maximum ratings are stress ratings only. values are at t a = 25c unless otherwise noted. notes: 1. single-phase, half-wave, 60 hz, resistive or induct ive load. for capacitive load, derate current by 20%. 2. device mounted on 4 inch x 6 inch x 0.25 inch al-plate heat sink. electrical characteristics values are at t a = 25c unless otherwise specified . note: 3. measured at 1 mhz and applied reverse bias of 4.0 v dc. symbol parameter value unit dfb25 05 dfb25 10 dfb25 20 dfb25 40 dfb25 60 dfb25 80 dfb25 100 v rrm maximum recurrent peak reverse voltage 50 100 200 400 600 800 1000 v v rms maximum rms voltage 35 70 140 280 420 560 700 v v dc maximum dc blocking voltage 50 100 200 400 600 800 1000 v i (av) maximum average forward rectified current 25 a i fsm peak forward surge current (8.3 ms single half-wave) 350 a r jc typical thermal resistance (2) 4.75 c/w t j operating temperature range -55 to +150 c t stg storage temperature range -55 to +150 c symbol parameter conditions value unit v f maximum forward voltage 12.5 a 1.0 v instantaneous forward voltage 25 a 1.1 i r maximum dc reverse current at rated dc blocking voltage t a = 25c 10 a t a = 125c 500 i 2 t rating for fusing (t < 8.3 ms) 508 a 2 s c j typical junction capacitance per leg (3) 110 pf
dfb2505 - dfb25100 ? glass-p assivated bridge rectifiers ? 2009 fairchild semiconductor corporation www.fairchildsemi.com dfb2505 - dfb25100 rev. 1.2.2 3 typical performan ce characteristics figure 1. maximum dera ting curve for output current figure 2. maximum forward surge current figure 3. typical reverse characteristics per leg f igure 4. typical forward characteristics per leg figure 5. typical junction capacitance
dfb2505 - dfb25100 ? glass-p assivated bridge rectifiers ? 2009 fairchild semiconductor corporation www.fairchildsemi.com dfb2505 - dfb25100 rev. 1.2.2 4 physical dimension figure 6. 4-lead, ts 6p, through-hole, molded package (active) package drawings are provided as a servic e to customers considering fairchild co mponents. drawings may change in any manner without notice. please note the revision and/or date on the drawi ng and contact a fairchild semi conductor representative to ver ify or obtain the most recent revision. package specifications do not ex pand the terms of fairchild?s worldwide terms and conditions, specifically the warranty therein, which covers fairchild products. always visit fairchild semiconduct or?s online packaging area for the most recent package drawings: http://www.fairchildsemi.com/dwg/ts/ts6p04a.pdf . ts-6p 2.50 10.20 9.80 2.40 2.00 (4x) 7.50 7.30 7.70 7.30 30.30 29.70 3.0 x45 1.10 0.90 (4x) 11.20 10.80 3.40 3.10 4.20 3.80 18.00 17.00 c l + ~ ~ - 2.90 2.50 4.80 0.70 0.60 4.80 4.40 3.80 3.40 20.30 19.70 notes: a. this package does not conform to any standards. b. all dimensions are in millimeters. c. dimensions are exclusive of burrs, mold flash and tie bar protrusions. d. drawing file name: ts6p04arev1
? fairchild semiconductor corporation www.fairchildsemi.com trademarks the following includes registered and unregistered trademarks and service marks, owned by fairchild semiconductor and/or its gl obal subsidiaries, and is not intended to be an exhaustive list of all such trademarks. accupower  a x-cap ? * bitsic  build it now  core plus  core power  crossvolt  ctl  current transfer logic  deuxpeed ? dual cool? ecospark ? effic ientmax  e sbc  fairchild ? fairchild semiconductor ? fact quiet series  fact ? fast ? fastvcore  fetbench  fps  f-pfs  frfet ? global power resource sm greenbridge  green fps  green fps  e-series  g max  gto  intellimax  isoplanar  making small speakers sound louder and better? megabuck  microcoupler  microfet  micropak  micropak2  millerdrive  motionmax  mwsaver ? optohit  optologic ? optoplanar ? ? powertrench ? powerxs? programmable active droop  qfet ? qs  quiet series  rapidconfigure   saving our world, 1mw /w/kw at a time? signalwise  smartmax  smart start  solutions for your success  spm ? stealth  superfet ? supersot  -3 supersot  -6 supersot  -8 supremos ? syncfet  sync- lock? ?* tinyboost ? tinybuck ? tinycalc  tinylogic ? tinyopto  tinypower  tinypwm  tinywire  t ransic  trifault detect  t ruecurrent ? *  serdes  uhc ? ultra frfet  unifet  vcx  visualmax  voltageplus  xs? * trademarks of system general corporation, used under license by fairchild semiconductor. disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function, or design. fairchild does not assume any li ability arising out of the application or use of any product or circuit described herein; neither does it convey any licen se under its patent rights, nor the rights of others. these specifications do not expand t he terms of fairchilds worldwide terms and conditions, specifically the warranty therein, which covers these products. life support policy fairchilds products are not authorized for use as critical components in life support devices or systems without th e express written approval of fa irchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to pe rform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. anti-counterfeiting policy fairchild semiconductor corporation's anti-counterfeiting policy. fairchild's anti-counterfeiting policy is also stated on our external website, www.fairchildsemi.com, under sales support. counterfeiting of semiconductor parts is a growing problem in t he industry. all manufacturers of semiconductor products are exp eriencing counterfeiting of their parts. customers who inadvertently purchase counterfeit parts experience many problems such as loss of brand reputation, substa ndard performance, failed applications, and increased cost of production and manufacturing delays. fairchild is taking strong measures to protect ourselv es and our customers from the proliferation of counterfeit parts. fairchild strongly encourages customers to purchase fairchild parts either directly from fa irchild or from authorized fairchild distributors who are listed by country on our web page cited abov e. products customers buy either from fairchild directly or fr om authorized fairchild distributors are genuine parts, have full traceability, meet fairchild's quality standards for handling and storage and provide access to fa irchild's full range of up-to-date technical and product information. fairchild and our authorized distributors will stand behind all warranties and will appropriately addr ess any warranty issues that may arise. fairchild will not provide any warranty coverage or other assist ance for parts bought from unauthorized sources. fairchild is c ommitted to combat this global problem and encourage our customers to do their part in stopping th is practice by buying direct or from authorized distributors . product status definitions definition of terms datasheet identification product status definition advance information formative / in design datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production datasheet contains preliminary data; supplementary da ta will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice to improve design. no identification needed full production datasheet contains final specifications. fairc hild semiconductor reserves the right to make changes at any time without notice to improve the design. obsolete not in production datasheet contains specifications on a product that is discontinued by fairchild semiconductor. the datasheet is for re ference information only. rev. i66 ?


▲Up To Search▲   

 
Price & Availability of DFB2520

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X